PART |
Description |
Maker |
ZB2BL4 ZB2BL2 ZB2BV6 ZB2BV3 ZB2BS54 ZB2BW84354 ZB2 |
CONTROL AND SIGNALLING UNITS DIODE TVS 75V 600W BIDIR 5% SMB DIODE TVS 36V 600W BI-DIR SMB 指示灯头 传奇\u0026#39;紧急停止\u0026#39; TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:33V; Breakdown Voltage, Vbr:36.7V; Peak Pulse Power PPK @ 10x1000uS:600W; Package/Case:DO-214; Leaded Process Compatible:Yes; Mounting Type:Surface Mount TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:13V; Breakdown Voltage, Vbr:14.4V; Package/Case:DO-214; Leaded Process Compatible LEGEND PLATE B>1-11 DIODE TVS 9.0V 600W UNI 5% SMB TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:30V; Breakdown Voltage, Vbr:33.3V; Peak Pulse Power PPK @ 10x1000uS:600W; Package TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:51V; Breakdown Voltage, Vbr:56.7V; Peak Pulse Power PPK @ 10x1000uS:600W; Package TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:18V; Breakdown Voltage, Vbr:20V; Peak Pulse Power PPK @ 10x1000uS:600W; Package Transient Surge Protection Thyristor; Leaded Process Compatible:Yes; Package/Case:DO-214; Mounting Type:Surface Mount; Polarization:Bipolar; Power Rating:600W; Type:TVS-Bidirectional; Voltage Rating:22V
|
List of Unclassifed Man... Square D by Schneider Electric
|
1.5SMC220 1.5SMC550CA 1.5SMC480C 1.5SMC530C |
Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
DIOTEC SEMICONDUCTOR AG
|
X24022 X24022P X24022P-2.7 X24022P-3 X24022PI X240 |
Jack Screw; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 串行E2PROM Controller IC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Serial E2PROM
|
XICOR[Xicor Inc.]
|
1.5KE180 1.5KE33A 1.5KE16C 1N6268A 1N6303 1.5KE51 |
1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes 18 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 36 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 8.2 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 10 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 320 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 43 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 24 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 12 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode Transient Voltage Suppressor (TVS) 瞬态电压抑制器(TVS 56 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 33 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 6.8 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 75 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 68 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 47 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 130 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode
|
Fagor List of Unclassifed Manufac... List of Unclassifed Manufacturers ETC[ETC] Jameco Electronics TE Connectivity, Ltd. Electronic Theatre Controls, Inc. Ecliptek, Corp. IDEC, Corp. List of Unclassifed Man...
|
TISP4165H4BJ TISP4200H4BJ TISP4265H4BJ TISP4360H4B |
Single Bidirectional Overvoltage Protection BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
|
Power Innovations International, Inc. POINN[Power Innovations Ltd] Power Innovations Limited
|
SNAP-MODFUSEHLDRB |
Fuse Holder; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
|
Opto 22
|
ICM7170 ICM7170AIBGT ICM7170AIDG ICM7170AIPG ICM71 |
Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
|
Rochester Electronics
|
93AA46 |
This datasheet is compatible with the following devices: 93AA46A/B/C 93LC46A/B/C 93C46A/B/C 1K Microwire-Compatible Serial EERPOM.
|
Microchip
|
SM6702-27HB SM6702-30HA SM6702-33HB SM6702 SM6702- |
Switches; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No PFM Step-up DC/DC Converter
|
Seiko NPC Corporation NPC[Nippon Precision Circuits Inc]
|
AM188EM-33VC/W AM186EMLV-40VI/W |
High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
|
Advanced Micro Devices
|
1N6053 1N6040 1N6059 1N6059A 1N6060 1N6060A 1N6058 |
From old datasheet system MSTBA 2,5/18-G-LA MSTBA 2,5/ 3-G-LA SMSTB 2,5/20-G-5,08 BIDIRECTIONAL TRANSIENT ABSORPTION ZENER 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA SMSTB 2,5/24-G-5,08
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-LAWRENCE
|
MAC210A10 ON0354 MAC210A8-D MAC210A8 |
Silicon Bidirectional Thyristor(10A00V三端双向可控硅晶闸管) 600 V, 10 A, TRIAC, TO-220AB 10AMPERES RMS 600 thru 800 VOLTS From old datasheet system Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|